Part Number Hot Search : 
TS431ACY 1N5232 C3851 N3906 C3851 2PD1820A TNA086AE HCT2G0
Product Description
Full Text Search
 

To Download MP3202DJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mp3202 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 1 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. the future of analog ic technology description the mp3202 is a step-up converter designed for driving up to 39 white leds (13 strings of 3 leds each) from a 5v system rail. the mp3202 uses a current mode, fixed frequency architecture to regulate the led current, which is measured through an external current sense resistor. its low 104mv feedback voltage reduces power loss and improves efficiency. th e ov pin monitors the output voltage and turns off the converter if an over-voltage condition is present due to an open circuit condition. the mp3202 includes under-voltage lockout, current limiting and thermal overload protection preventing damage in the event of an output overload. the mp3202 is available in small 6-pin tsot23 or 8-pin qfn (2mm x 2mm) packages. features ? 2.5v to 6v input voltage range ? on board power mosfet ? drives up to 39 white leds at 5v input ? up to 92% efficiency ? over 1mhz fixed switching frequency ? open load shutdown ? low 104mv feedback voltage ? soft-start/pwm dimming ? uvlo, thermal shutdown ? internal 1.3a current limit ? available in tsot23-6 and qfn8 packages applications ? cell phones ? handheld computers and pdas ? digital still cameras ? small lcd displays ?mps? and ?the future of analog ic technology? are registered trademarks of monolithic power systems, inc. typical application mp3202 v in 4.5v - 6v en 13 strings in en gnd ov fb sw 100 90 80 70 60 50 efficiency (%) 4.0 4.5 5.0 5.5 6.0 input voltage (v) efficiency vs input voltage i out =180ma i out =100ma
mp3202 ? 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 2 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. package reference part number* package temperature MP3202DJ tsot23-6 ?40 c to +85 c * for tape & reel, add suffix ?z (eg. MP3202DJ?z) for rohs compliant packaging, add suffix ?lf (eg. MP3202DJ?lf?z) absolute maxi mum ratings (1) sw pin......................................?0.5v to +28.5v all other pins ..............................?0.3v to +6.5v storage temperature.............. ?55 c to +150 c recommended operating conditions (2) in supply voltage ..............................2.5v to 6v output voltage ....................................v in to 25v operating temperature............. ?40 c to +85 c part number** package temperature mp3202dg qfn8 (2mm x 2mm) ?40 c to +85 c ** for tape & reel, add suffix ?z (eg. mp3202dg?z) for rohs compliant packaging, add suffix ?lf (eg. mp3202dg?lf?z) thermal resistance (3) ja jc tsot23-6.............................. 220 .... 110.. c/w qfn8 (2mm x 2mm) ............... 80 ...... 16... c/w notes: 1) exceeding these ratings may damage the device. 2) the device is not guaranteed to function outside of its operating conditions. 3) measured on approximately 1? square of 1 oz copper. electrical characteristics v in = v en = 5v, t a = +25 c, unless otherwise noted. parameters symbol condition min typ max units operating input voltage v in 2.5 6 v supply current (shutdown) v en = 0v 0.1 1 a supply current (quiescent) v fb = 0.15v 690 750 a switching frequency f sw 1.0 1.3 1.5 mhz maximum duty cycle v fb = 0v 85 92 % under voltage lockout in under voltage lockout uvlo v in rising 2.25 2.45 v under voltage lockout hysteresis 92 mv open lamp shutdown threshold v ov v ov rising 28 v sw gnd fb 1 2 3 6 5 4 in ov en top view top view gnd in ov en 1 2 3 4 sw nc fb gnd 8 7 6 5
mp3202 ? 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 3 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. electrical characteristics (continued) v in = v en = 5v, t a = +25 c, unless otherwise noted. parameters symbol condition min typ max units enable en threshold v en rising, v in = 5v 1.0 1.35 1.6 v en threshold v en rising, v in = 2.5v 0.8 v en hysteresis 90 mv en input bias current v en = 0v, 5v 1 a feedback fb voltage 94 104 114 mv fb input bias current v fb = 0.1v ?600 ?300 na output switch sw on-resistance (4) r on 0.5 ? sw current limit (4) duty cycle = 60% 1.33 a thermal shutdown (4) 160 c notes: 4) guaranteed by design. pin functions tsot23-6 pin # qfn8 pin # name description 1 8 sw power switch output. sw is the drain of the internal mosfet switch. connect the power inductor and output rectifie r to sw. sw can swing between gnd and 25v. 2 1, 5 gnd ground. 3 6 fb feedback input. the mp3202 regulates the voltage across the current sense resistor between fb and gnd. connect a cu rrent sense resistor from the bottom of the led string to gnd. connect t he bottom of the led string to fb. the regulation voltage is 104mv. 4 4 en regulator on/off control input. a high input at en turns on the converter, and a low input turns it off. when not used, connec t en to the input source for automatic startup. the en pin cannot be left floating. 5 3 ov over voltage input. ov measures the out put voltage for open circuit protection. connect ov to the output at the top of the led string. 6 2 in input supply pin. must be locally bypassed. 7 nc no connect.
mp3202 ? 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 4 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. operation the mp3202 uses a constant frequency, peak current mode boost regulator architecture to regulate the strings of white leds. refer to the block diagram in figure 1 for details. at the start of each oscillator cycle the fet is turned on through the control circuitry. to prevent sub-harmonic oscillations at duty cycles greater than 50%, a stabilizing ramp is added to the output of the current sense amplifier and the result is fed into the positive input of the pwm comparator. when this voltage equals the output voltage of the error amplifier the power fet is turned off. the voltage at the output of the error amplifier is an amplified version of the difference between the 104mv reference voltage and the feedback voltage. in this way the peak current level keeps the output in regulation. if the feedback voltage starts to drop, the output of the error amplifier increases. this results in more current flowing through the power fet, thus increasing the power delivered to the output. pwm comparator amplifier control logic current sense amplifier sw m1 gnd - + fb 1.3mhz osc - + + - + 104mv figure 1?functional block diagram
mp3202 ? 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 5 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. application information off on mp3202 v in 4v to 6v mbr0520 9 strings total in en gnd ov fb sw figure 2?circuit for driving 27 wleds a typical application circuit is provided in figure 2. the 27 white leds can be driven from a voltage supply range of 4v to 6v at a total output current of 180ma. a 2.2f output capacitor is sufficient for most applications but up to 1f may be used. a 10h inductor with low dcr (inductor resistance) is recommended to improve efficiency. a 4.7f ceramic capacitor is recommended for the input capacitance in the real system. schottky diodes with fast recovery and a low forward voltage are recommended. schottky diodes with a 500ma rating are sufficient for the mp3202. the switching characteristics during normal operation can be seen in figure 3. the mp3202 has internal soft-start to limit the amount of current through the in pin at startup and to also limit the amount of overshoot on the output. the current limit is increased by a fourth every 40s giving a total soft-start time of 120s. v sw 5v/div. v out ac 200mv/div. i l 500ma/div. 400ns/div. steady state operation v in = 5v, 27 leds, 180ma figure 3?steady state operation figure 4 shows the startup behavior of the mp3202. the ramped voltage added to the current sense amplifier reduces the current output as the duty cycle increases. as more leds are added, the output voltage rises but the current that can be delivered to the load is reduced as well.
mp3202 ? 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 6 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. v en 5v/div. v out 5v/div. i out 200ma/div. i l 500ma/div. startup waveforms v in = 5v, 27 leds, 180ma figure 4?startup waveforms figure 5 shows the dependence on current limit versus duty cycle. 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 current limit (a) 0 20406080100 duty cycle (%) figure 5?current limit vs. duty cycle setting the led current the led current is controlled by the feedback resistors r1 and r2, as shown in figure 2. the current through the leds is given by the equation: 2 r 1 r 2 r 1 r mv 104 i led + = table 1 shows the selection of resistors for a given led current. table 1?i led vs. r1 i led (ma) r1 ( ? ) r2 ( ? ) 10 10.4 n/a 50 2.08 n/a 100 1.04 n/a 150 1.5 1.3 180 1.2 1.1 analog and digital dimming there are three methods to control dimming for the mp3202 during normal operation. the first method uses dc voltage to control the feedback voltage. this is shown in figure 6. as the dc voltage increases, current starts flowing down r1, r2 and r3. the loop will continue to regulate the feedback voltage to 104mv. thus the current has to decrease through the leds by the same amount of current as is being injected from the dc voltage source. with a v dc from 0v to 2v, the resistor values shown for r2 and r3 can control the led current from 0ma to 20ma. mp3202 led1 led2 led3 fb v dc figure 6?dimming control using a dc voltage
mp3202 ? 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 7 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. other applications require a logic signal to control dimming. this is shown in figure 7. the pwm signal is applied to the en pin of the mp3202. the leds will switch between full load to completely shut off. the average current through the leds will increase proportionally to the duty cycle of the pwm signal. the pwm signal used in figure 7 should be 1khz or below due to the soft-start function. pwm mp3202 led1 led2 led3 fb en figure 7?pwm dimming control using a logic signal if the pwm signal is above 1khz, dimming can be achieved using the circuit shown in figure 8. pwm mp3202 led1 led2 led3 fb figure 8? dimming control using a filtered pwm signal open load protection open load protection will shut off the mp3202 if the output voltage rises too high when the ov pin is tied to the output. in some cases an led may fail. this will result in the feedback voltage always remaining at zero. the part will run at maximum duty cycle boosting the output voltage higher and higher. by tying the ov pin to the top of the led string the mp3202 can check for this condition. if the output exceeds 28v, the mp3202 will shut down. the part will not switch again until the power is recycled. figure 9 shows the behavior of the mp3202 into an open load. v en 5v/div. v ov 10v/div. v sw 10v/div. startup waveforms into an open load v in = 3.6v figure 9?startup waveforms into an open load layout considerations careful attention must be paid to the pcb board layout and component placement. proper layout of the high frequency switching path is critical to prevent noise and electromagnetic interference problems. due to high frequency switching, the length and area of all the traces connected to the switch node should be minimized.
mp3202 ? 1.3a fixed frequency white led driver mp3202 rev. 0.91 www.monolithicpower.com 8 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. package information tsot23-6 0.30 0.50 seating plane 0.95 bsc 0.84 0.90 1.00 max 0.00 0.10 top view front view side view recommended land pattern 2.80 3.00 1.50 1.70 2.60 3.00 1 3 4 6 0.09 0.20 note: 1) all dimensions are in millimeters. 2) package length does not include mold flash, protrusion or gate burr. 3) package width does not include interlead flash or protrusion. 4) lead coplanarity (bottom of leads after forming) shall be 0.10 millimeters max. 5) drawing conforms to jedec mo-193, variation ab. 6) drawing is not to scale. 7) pin 1 is lower left pin when reading top mark from left to right, (see example top mark) 0.30 0.50 0 o -8 o 0.25 bsc gauge plane 2.60 typ 1.20 typ 0.95 bsc 0.60 typ see detail "a" detail  a aaaa pin 1 see note 7 example top mark
mp3202 ? 1.3a fixed frequency white led driver notice: the information in this document is subject to change wi thout notice. users should warra nt and guarantee that third party intellectual property rights are not infringed upon w hen integrating mps products into any application. mps will not assume any legal responsibility for any said applications. mp3202 rev. 0.91 www.monolithicpower.com 9 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. qfn8 (2mm x 2mm) top view 1 8 54 bottom view 1.90 2.10 0.45 0.65 1.90 2.10 1.05 1.25 0.50 bsc 0.18 0.30 pin 1 id marking 0.60 0.50 0.25 recommended land pattern 1.90 note: 1) all dimensions are in millimeters. 2) exposed paddle size does not include mold flash. 3) lead coplanarity shall be 0.10 millimeter max. 4) drawing conforms to jedec mo-229, variation vccd-3. 5) drawing is not to scale. pin 1 id see detail a 0.70 pin 1 id option a r0.20 typ. pin 1 id option b r0.20 typ. detail a 0.25 0.45 pin 1 id index area side view 0.00 0.05 0.80 1.00 0.20 ref 1.20


▲Up To Search▲   

 
Price & Availability of MP3202DJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X